Electronic Components Datasheet Search
  English  ▼

X  

SN-( )A01F Datasheet (PDF) - FCL COMPONENTS LIMITED

SN-( )A01F Datasheet PDF - FCL COMPONENTS LIMITED
Part # SN-( )A01F
Download  SN-( )A01F Download
File Size   425.83 Kbytes
Page   13 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A

SN-( )A01F Datasheet (PDF)

Go To PDF Page Download Datasheet
SN-( )A01F Datasheet PDF - FCL COMPONENTS LIMITED

Part # SN-( )A01F
Download  SN-( )A01F Click to download

File Size   425.83 Kbytes
Page   13 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A

SN-( )A01F Datasheet (HTML) - FCL COMPONENTS LIMITED


SN-( )A01F Product details

FEATURES
• I/O modules for interface between CPU and external input
devices or loads
• Ultra slim and light weight, SIL terminals type I/O modules for
high density mounting
- Size: 5 (W) × 20 (L) × 17 (H) mm
- Weight: Approximately 3.0 to 3.5 g
• High isolation by employing photo-coupled devices (between
input and output: 2,500Vrms)
• Long life and maintenance free
• All solid state I/O module
• Compatible with NY relay size and terminals arrangement (only
output module type)
• RoHS compliant since date code: 6703 (except 204-207)
The piece-parts used in this relay contains lead but it is excluded from controlled substances.
APPLICATIONS
PLC etc.




Similar Part No. - SN-( )A01F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SN-2A6 MSYSTEM-SN-2A6 Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2A6/CE MSYSTEM-SN-2A6/CE Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2A6/Q MSYSTEM-SN-2A6/Q Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2AA MSYSTEM-SN-2AA Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2AA/CE MSYSTEM-SN-2AA/CE Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results


Similar Description - SN-( )A01F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TF1106 TOSHIBA-TF1106 Datasheet
134Kb / 2P
SOLID STATE I/O INTERFACE MODULE (DC INPUT MODULE)
TF1108 TOSHIBA-TF1108 Datasheet
164Kb / 3P
SOLID STATE I/O INTERFACE MODULE (DC INPUT MODULE)
logo
fujitsu semiconductor
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
SOLID STATE RELAY 1 Maximum Load current 1A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
logo
Schneider Electric
170ADM35010 SCHNEIDER-170ADM35010 Datasheet
228Kb / 8P
discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 11, 2022
170ADM35011 SCHNEIDER-170ADM35011 Datasheet
228Kb / 8P
discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 12, 2022
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
Slim I/O Relay/Slim I/O Solid State Relay
0922
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com